|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistor 2SD2575 Silicon NPN epitaxial planer type For low-frequency power amplification Unit: mm 5.00.2 4.00.2 q Low collector to emitter saturation voltage VCE(sat). s Absolute Maximum Ratings Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature *1 Measuring (Ta=25C) Ratings 15 10 10 9 5 750 150 -55 ~ +150 Unit V V V A A mW C C Symbol VCBO VCEO VEBO ICP*1 IC PC Tj Tstg 13.50.5 5.10.2 s Features 0.45 -0.1 1.27 +0.2 0.45 -0.1 1.27 +0.2 123 2.30.2 2.540.15 1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A time: t = 380sec s Electrical Characteristics Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance (Ta=25C) Symbol ICBO ICEO IEBO VCEO VEBO hFE1 hFE2 VCE(sat) fT Cob Conditions VCB = 10V, IE = 0 VCE = 5V, IB = 0 VEB = 5V, IC = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 2V, IC = 0.5A* VCE = 2V, IC = 2A* IC = 3A, IB = 0.1A* VCB = 6V, IE = -50mA, f = 200MHz VCB = 20V, IE = 0, f = 1MHz 10 10 700 195 0.28 170 45 * min typ max 0.1 1.0 0.1 Unit A A A V V 0.5 V MHz 65 pF Pulse measurement 1 Transistor PC -- Ta 1000 6 Ta=25C 5 IB=5.0mA 4.5mA 4.0mA 3.5mA 3.0mA 2.5mA 2.0mA 1.5mA 2 1.0mA 2SD2575 IC -- VCE Collector to emitter saturation voltage VCE(sat) (V) 10 3 1 0.3 0.1 0.03 0.01 0.003 0.001 0.01 0.03 Ta=75C 25C -25C VCE(sat) -- IC IC/IB=30 Collector power dissipation PC (mW) Collector current IC (A) 800 4 600 3 400 200 0.5mA 1 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 12 0.1 0.3 1 3 10 Ambient temperature Ta (C) Collector to emitter voltage VCE (V) Collector current IC (A) hFE -- IC 2400 90 Cob -- VCB Collector output capacitance Cob (pF) VCE=2V f=1MHz IE=0 Ta=25C Ta=75C Forward current transfer ratio hFE 2000 25C 75 1600 -25C 60 1200 45 800 30 400 15 0 1 3 10 30 100 300 1000 0 1 3 10 30 100 Collector current IC (mA) Collector to base voltage VCB (V) 2 |
Price & Availability of 2SD2575 |